| Zakładka z wyszukiwarką danych komponentów |
|
MPC5601PEF0MLL4R Arkusz danych(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5601PEF0MLL4R Arkusz danych(HTML) 39 Page - NXP Semiconductors |
|
39 / 95 page ![]() MPC5602P Microcontroller Data Sheet, Rev. 6 Freescale Semiconductor 39 Figure 6 shows the constraints of the different power supplies. Figure 6. Power supplies constraints (3.0 V VDD_HV_IOx 5.5 V) The MPC5602P supply architecture allows the ADC supply to be managed independently from the standard VDD_HV supply. Figure 7 shows the constraints of the ADC power supply. Figure 7. Independent ADC supply (3.0 V VDD_HV_REG 5.5 V) VDD_HV_xxx VDD_HV_IOx 3.0 V 5.5 V 3.0 V 5.5 V 3.3 V 3.3 V Note: IO AC and DC characteristics are guaranteed only in the range of 3.0–3.6 V when PAD3V5V is low, and in the range of 4.5–5.5 V when PAD3V5V is high. 5.5 V 3.0 V VDD_HV_REG 3.0 V 5.5 V VDD_HV_ADCx |