| Zakładka z wyszukiwarką danych komponentów |
|
DWM1001-DEV Arkusz danych(PDF) 4 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV Arkusz danych(HTML) 4 Page - Qorvo, Inc |
|
4 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 4 1 OVERVIEW This document gives technical details of the DWM1001 module development board, called the DWM1001-DEV. All the functions of the DWM1001 module can be exercised with this board. Figure 1 gives an overview of the main components of the module development board. Figure 1 The main components of the module development board are shown The module development board can be used to create an Anchor or a Tag for an RTLS system. This is shown in Figure 2. It can also be combined with a Raspberry Pi to create a gateway device. Figure 3 shows the configuration of an RTLS system where the module development board can be an Anchor, Tag or Gateway device. Figure 2: The module development board can be used to create an Anchor, a Tag or a Gateway Figure 3: Module development board used as an Anchor, Tag or Gateway device, in an RTLS system Build an Anchor or a Tag Build a Gateway |