| Zakładka z wyszukiwarką danych komponentów |
|
R80DAT8A/Q Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R80DAT8A/Q Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R80DAT8A R80DAT8A SPECIFICATIONS ES-7023 Rev.0 Page 3/5 http://www.m-system.co.jp/ WIRING • INPUT CONNECTOR Unit side connector: M-System’s product Cable side connector: DFMC1,5/2-ST-3,5 (Phoenix Contact) (included in the package) Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm Recommended solderless terminal • AI0,25−10YE 0.25 mm2 (Phoenix Contact) • AI0,34−10TQ 0.34 mm2 (Phoenix Contact) • AI0,5−10WH 0.5 mm2 (Phoenix Contact) • AI0,75−10GY 0.75 mm2 (Phoenix Contact) • A1−10 1.0 mm2 (Phoenix Contact) • A1,5−10 1.5 mm2 (Phoenix Contact) Di 1 1 Di 2 2 Di 3 3 Di 4 4 Di 5 5 Di 6 6 Di 7 7 Di 8 8 0 V 9 0 V 10 24 V 11 24 V 12 NC 13 NC 14 NC 15 NC 16 PIN No. ID FUNCTION 1 2 3 4 5 11 12 13 14 15 16 6 7 8 9 10 Di 1 Di 2 Di 3 Di 4 Di 5 Di 6 Di 7 Di 8 0 V 0 V 24 V 24 V NC NC NC NC INPUT 1 INPUT 2 INPUT 3 INPUT 4 INPUT 5 INPUT 6 INPUT 7 INPUT 8 Excitation supply 24 V DC Excitation supply 24 V DC Excitation supply 0 V DC Excitation supply 0 V DC No connection No connection No connection No connection OPERATING MODE SETTING • Module address setting Module address: Selectable between 0 and F, with rotary switch (Factory setting: 0) • Terminator DIP SW TERMINATOR SW SW2 Without (*) OFF With ON (*) Factory setting |