| Zakładka z wyszukiwarką danych komponentów |
|
ASB0320BD Arkusz danych(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
ASB0320BD Arkusz danych(HTML) 2 Page - Anachip Corp |
|
2 / 3 page ![]() ASB0320/30/40 SMD Schottky Barrier Diode Anachip Corp. www.anachip.com.tw Rev. 1.0 Aug 2, 2004 2/3 Maximum Rating (at T A=25ºC unless otherwise noted) Symbol Parameter ASB0320 ASB0330 ASB0340 Unit VRRM, VR Repetitive peak reverse voltage Reverse voltage 20 30 40 V VR(RMS) RMS reverse voltage 14 21 28 V IO Average forward rectified current 350 mA IFRM Repetitive peak forward current 450 mA IFSM Forward current, surge peak 8.3 ms single half sine-wave 1.5 A TSTG Storage temperature -40 to +125 ºC Tj Junction temperature -40 to +125 ºC Electrical Characteristics (at T A=25ºC unless otherwise noted) Symbol Parameter Conditions Min. Typ. Max. Unit IF=20mA - - 0.37 VF Forward voltage IF=200mA - - 0.6 V ASB0320 - - 5 ASB0330 - - 5 IR Reverse current ASB0340 VR=10V VR=20V VR=30V - - 5 uA CT Capacitance between terminals f=1MHz, and 0 VDC reverse voltage - 50 - pF Trr Reverse recovery time IF=IR=10mA, Irr=0.1× IR, RL=100 ohm - 6.4 - nS |