Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ALS93 Arkusz danych(PDF) 4 Page - Silicon Supplies

Numer części 54ALS93
Szczegółowy opis  Advanced Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SS [Silicon Supplies]
Strona internetowa  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ALS93 Arkusz danych(HTML) 4 Page - Silicon Supplies

  54ALS93 Datasheet HTML 1Page - Silicon Supplies 54ALS93 Datasheet HTML 2Page - Silicon Supplies 54ALS93 Datasheet HTML 3Page - Silicon Supplies 54ALS93 Datasheet HTML 4Page - Silicon Supplies 54ALS93 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Advanced Low Power Schottky Logic – 54ALS93
Rev 1.1
28/08/21
AC Electrical Characteristics4 V
CC = 5V, TJ = -55°C to 125°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
Input Clock
Frequency, CKA
32
-
-
MHz
Input Clock
Frequency, CKB
fmax
16
-
-
MHz
Fall, Rising Edge
tf, tr
CL = 50pF, RL = 510Ω
-
-
2
ns
Propagation Delay,
CKA to QA
tPLH
CL = 50pF, RL = 510Ω
-
-
16
ns
Propagation Delay,
CKA to QA
tPHL
CL = 50pF, RL = 510Ω
-
-
18
Propagation Delay,
CKA to QD
tPLH
CL = 50pF, RL = 510Ω
-
-
70
ns
Propagation Delay,
CKA to QD
tPHL
CL = 50pF, RL = 510Ω
-
-
70
ns
Propagation Delay,
CKB to QB
tPLH
CL = 50pF, RL = 510Ω
-
-
16
ns
Propagation Delay,
CKB to QB
tPHL
CL = 50pF, RL = 510Ω
-
-
21
ns
Propagation Delay,
CKB to QC
tPLH
CL = 50pF, RL = 510Ω
-
-
32
ns
Propagation Delay,
CKB to QC
tPHL
CL = 50pF, RL = 510Ω
-
-
35
ns
Propagation Delay,
CKB to QD
tPLH
CL = 50pF, RL = 510Ω
-
-
51
ns
Propagation Delay,
CKB to QD
tPHL
CL = 50pF, RL = 510Ω
-
-
51
ns
Propagation Delay,
R0 to any output
tPHL
CL = 50pF, RL = 510Ω
-
-
32
ns
Timing Requirements4 V
CC = 5V, TJ = -55°C to 125°C unless otherwise specified
LIMITS
PARAMETER
4. Not production tested in die form, characterized by chip design.
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
CKA Pulse Width
15
-
-
ns
CKB Pulse Width
30
-
-
ns
R0 Pulse Width
tW
CL = 50pF, RL = 510Ω
15
-
-
ns
Recovery Time,
R0 to CK
tREC
CL = 50pF, RL = 510Ω
25
-
-
ns
Page 4 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com