| Zakładka z wyszukiwarką danych komponentów |
|
VS6624 Arkusz danych(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Arkusz danych(HTML) 69 Page - STMicroelectronics |
|
69 / 100 page ![]() VS6624 Register map Rev 1 69/100 Flash status [read only] Scythe filter controls Jack filter controls Table 28. Flash status Index FlashStatus [read only] 0x1b00 fFlashRecommend Default value <0> FALSE Purpose This flag is set if the Exposure Control system reports that the image is underexposed and so the flashgun is recommended to the Host. It is at the discretion of Host to use it or not for the following still grab. Type Flag_e Possible values <0> FALSE <1> TRUE 0x1b02 fFlashGrabComplete Default value <0> FALSE Purpose This flag indicates that the FlashGun Image has been grabbed. Type Flag_e Possible values <0> FALSE <1> TRUE Table 29. Scythe filter controls Index ScytheFilterControls(1) 0x1d80 fDisableFilter Default value <0> FALSE Purpose Disable Scythe Defect Correction Type Flag_e Possible values <0> FALSE <1> TRUE 1. Can be controlled in all stable state Table 30. Jack filter controls Index JackFilterControls(1) 0x1e00 fDisableFilter Default value <0> FALSE Purpose Disable Jack Defect Correction Type Flag_e Possible values <0> FALSE <1> TRUE 1. Can be controlled in all stable state |