| Zakładka z wyszukiwarką danych komponentów |
|
68HC705JB4 Arkusz danych(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB4 Arkusz danych(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 134 page ![]() GENERAL RELEASE SPECIFICATION February 24, 1999 MOTOROLA RESETS MC68HC05JB4 5-4 REV 2 5.3.5 Illegal Address Reset An opcode fetch from an address that is not in the ROM (locations $1000 to $1FFF) or the RAM (locations $0080 to $012F) generates an illegal address reset. The illegal address reset will assert the pulldown device to pull the RESET pin low for 3 to 4 cycles of the internal bus clock. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |