| Zakładka z wyszukiwarką danych komponentów |
|
PD69210 Arkusz danych(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PD69210 Arkusz danych(HTML) 13 Page - Microchip Technology |
|
13 / 21 page ![]() ...........continued Dimension Millimeters Min Typ Max W 0.2 0.25 0.3 L 0.30 0.35 0.4 e 0.5 n 32 D1 3.5 E1 3.5 SD 0.25 SE 0.25 4.3 Thermal Specifications The following table lists the thermal specifications of the PD69210 and PD69220. Table 4-3. Thermal Specifications Thermal Resistance Device Typ Units Description θJA PD69210 40.9 °C/W Junction-to-ambient thermal resistance. θJC PD69210 15.2 °C/W Junction-to-case thermal resistance. θJA PD69220 65.0 °C/W Junction-to-ambient thermal resistance. θJC PD69220 21.5 °C/W Junction-to-case thermal resistance. PD69210/PD69220 Package Information © 2020 Microchip Technology Inc. Datasheet DS00003424A-page 13 |