Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL0033A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TL0033A
Szczegółowy opis  LTCC Filter 3600 MHz Size 2.0x1.25 mm (400 MHz BW)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TL0033A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TL0033A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TL0033A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TL0033A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TL0033A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TL0033A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TA
A
A
AI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: LTCC Filter 3600 MHz Size 2.0x1.25 mm (400 MHz BW)
TST Part No.: TL0033A
Customer Part No.:
Checked by:
Hongpu Lin
Approved by:
Andy Yu
Date:
2019/11/18
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications shall be
released to reflect the change
Customer signature required
Company:
Division:
Approved by :
Date:


Podobny numer części - TL0033A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TL0030A TAI-SAW-TL0030A Datasheet
575Kb / 6P
LTCC Filter 1710 ~ 2025(1867.5) MHz SMD 1.0x0.5 mm 315MHz BW
TL0031A TAI-SAW-TL0031A Datasheet
356Kb / 4P
LTCC Filter 1880 ~ 2025(1952.5) MHz SMD 1.6x0.8 mm (145MHz BW)
TL0032A TAI-SAW-TL0032A Datasheet
298Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
TL0032B TAI-SAW-TL0032B Datasheet
143Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
TL0032DA2592 TAI-SAW-TL0032DA2592 Datasheet
122Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
REV.1
More results

Podobny opis - TL0033A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TL0034A TAI-SAW-TL0034A Datasheet
434Kb / 5P
LTCC Filter 915 MHz SMD 2.0x1.25 mm (26MHz BW)
TL0037A TAI-SAW-TL0037A Datasheet
738Kb / 6P
LTCC Filter 3750 MHz SMD 2.0x1.25 mm
TL0038A TAI-SAW-TL0038A Datasheet
766Kb / 6P
LTCC Filter 4700 MHz Size 2.0x1.25 mm
TL0040A TAI-SAW-TL0040A Datasheet
352Kb / 6P
LTCC Filter 5550 MHz Size 1.6x0.8 mm (800MHz BW)
TL0009A TAI-SAW-TL0009A Datasheet
225Kb / 7P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (100MHz BW)
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
TL0024A TAI-SAW-TL0024A Datasheet
579Kb / 5P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (1160MHz BW)
TL0025A TAI-SAW-TL0025A Datasheet
360Kb / 6P
LTCC Filter 2448 MHz SMD 2.0x1.25 mm (72MHz BW)
TL0009BA0094 TAI-SAW-TL0009BA0094 Datasheet
225Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm (100MHz BW)
TL0043AA2095 TAI-SAW-TL0043AA2095 Datasheet
677Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com