| Zakładka z wyszukiwarką danych komponentów |
|
SC210W-22-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC210W-22-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 13 page ![]() MODEL: SC210W SC210W SPECIFICATIONS ES-6347 Rev.0 Page 3/13 http://www.m-system.co.jp/ MV output setting indicator: Blue LED FACTORY DEFAULT CAS PID G02 1 – 5 V DC P : 100% I : No integral action D : No derivative action Mv 1 Pv 1 Ai 1 1 – 5 V DC *1. Factory default setting Use Loop Configuration Builder Software (model: SFEW3E) to modify setting. H L AL2 AL1 SEQ G81 4 – 20 mA DC ■ LOOP 1 ■ LOOP 2 Reverse Action (PV /MV ) *1 *1 CAS PID G03 1 – 5 V DC P : 100% I : No integral action D : No derivative action Mv 2 Pv 2 Ai 2 1 – 5 V DC H L AL4 AL3 SEQ G81 4 – 20 mA DC *1 *1 Reverse Action (PV /MV ) EXTERNAL INTERFACE ■ NestBus Configuration: Bus type multi-drop Standard: Conforms to TIA/EIA-485-A Transfer rate: 19.2 kbps Protocol: NestBus (M-System’s own protocol) Max. transmission distance: 1 kilometer Transmission media: Shielded twisted-pair cable (CPEV-S 0.9 dia.) Terminating resistor: incorporated Card No. setting: 0 - F (16 cards; 2 assigned for one unit) ■ Modbus-RTU Configuration: Half-duplex, asynchronous, no procedure Standard: Conforms to TIA/EIA-485-A Max. transmission distance: 500 meters Transfer rate: 4800, 9600, 19.2 k, 38.4 k bps Data bit: 8 Parity bit: Odd, even, none Max. node number: 15 (except the master) Transmission media: Shielded twisted-pair cable (CPEV-S 0.9 dia.) Terminating resistor: incorporated Node address setting: 1 - 247 ■ Modbus/TCP (Ethernet) Physical layer standard: IEEE 802.3u Data link layer: 10BASE-T / 100BASE-TX Transfer rate: 10 / 100 Mbps, Auto Negotiation Protocol: Modbus/TCP Data: RTU (binary) Connections: 2 Transmission media: 10BASE-T (STP cable, category 5) 100BASE-TX (STP cable, category 5e) Max. segment length: 100 meters Port number: 502 IP address: 192.168.0.1 (factory setting) SUPPLY OUTPUT Output voltage: 24 V DC ±10 % with no load 18 V DC min. at 20 mA Current rating: ≤ 22 mA DC ∙Shortcircuit protection Current limited: Approx. 30 mA INPUT SPECIFICATIONS ■ Pv1, Pv2 (universal input) ∙Current input: 4 – 20 mA DC with input resistance 250 Ω (REM4) ∙Voltage input: -10 – +10 V DC -1 – +1 V DC 0 – 10 V DC 1 – 5 V DC 0 – 1 V DC Input resistance: ≥ 1 MΩ ∙Thermocouple input: K, E, J, T, B, R, S, C, N, U, L, P, PR (See Table 1) Input resistance: ≥ 30 kΩ Burnout sensing: ≤ 0.3 µA Burnout indication: 115 % of the measuring range (upscale) ∙RTD input: Pt100 (JIS ’97, IEC), Pt100 (JIS ’89), JPt100 (JIS ’89), Pt50Ω (JIS ’81), Ni100 (See Table 2) Maximum lead wire resistance: 100 Ω per wire Burnout indication: 115 % of the measuring range (upscale) Sensing current: ≤ 1 mA ∙Potentiometer input: Total resistance 100 Ω to 10 kΩ Minimum span: 50 % of total resistance Excitation: ≤ 0.6 V DC ■ Ai1, Ai2, Ai3, Ai4 ∙Voltage input: 1 – 5 V DC Input resistance: ≥ 1 MΩ ■ Pi1, Pi2, Pi3, Pi4, Pi5: Dry contact (Di1 through Di5 are assigned to the same terminals respectively.) Maximum frequency: 20 Hz Minimum pulse width: 25 msec. |