| Zakładka z wyszukiwarką danych komponentów |
|
TR3EX-R Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
TR3EX-R Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: TR3EX http://www.m-system.co.jp/ TR3EX SPECIFICATIONS ES-8632 Rev.0 Page 5/5 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. INTERNAL POWER INTERNAL BUS DIP SW ETHERNET LED LED Modbus/TCP CONFIGURATION JACK Isolation Control Circuit Communication Circuit JACK RJ-45 MODULAR JACK 1 4 RUN + RUN – RUN CONTACT OUTPUT 2 3 6 + – FG POWER INPUT 5 SYSTEM CONFIGURATION EXAMPLES Wi-Fi Router Tablat ■ VIA LOCAL NETWORK (LAN) Ethernet PC TR30 TR3EX Hub Specifications are subject to change without notice. |