| Zakładka z wyszukiwarką danych komponentów |
|
PL580-68OCL-R Arkusz danych(PDF) 10 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL580-68OCL-R Arkusz danych(HTML) 10 Page - PhaseLink Corporation |
|
10 / 10 page ![]() (Preliminary) PL580-68/69 320-640MHz Low Phase Noise VCXO 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 10 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PL580-6X X C L R Order Number Marking Package Option PL580-68OC P580-68OC TSSOP - Tube PL580-68OC-R P580-68OC TSSOP - Tape & Reel PL580-68OCL P580-68OCL TSSOP - Tube (GREEN Package) PL580-68OCL-R P580-68OCL TSSOP - Tape & Reel (GREEN Package) PL580-68QC P580-68QC QFN - Tube PL580-68QC-R P580-68QC QFN - Tape & Reel PL580-68QCL P580-68QCL QFN - Tube (GREEN Package) PL580-68QCL-R P580-68QCL QFN - Tape & Reel (GREEN Package) PL580-69OC P580-69OC TSSOP - Tube PL580-69OC-R P580-69OC TSSOP - Tape & Reel PL580-69OCL P580-69OCL TSSOP - Tube (GREEN Package) PL580-69OCL-R P580-69OCL TSSOP - Tape & Reel (GREEN Package) PL580-69QC P580-69QC QFN - Tube PL580-69QC-R P580-69QC QFN - Tape & Reel PL580-69QCL P580-69QCL QFN - Tube (GREEN Package) PL580-69QCL-R P580-69QCL QFN - Tape & Reel (GREEN Package) TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP Q= QFN 4x4 L= GREEN PACKAGE NONE= REGULAR PACKAGE R= TAPE & REEL NONE= TUBE PART NUMBER |