Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLL102-04SC Arkusz danych(PDF) 5 Page - PhaseLink Corporation

Numer części PLL102-04SC
Szczegółowy opis  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLL [PhaseLink Corporation]
Strona internetowa  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-04SC Arkusz danych(HTML) 5 Page - PhaseLink Corporation

  PLL102-04SC Datasheet HTML 1Page - PhaseLink Corporation PLL102-04SC Datasheet HTML 2Page - PhaseLink Corporation PLL102-04SC Datasheet HTML 3Page - PhaseLink Corporation PLL102-04SC Datasheet HTML 4Page - PhaseLink Corporation PLL102-04SC Datasheet HTML 5Page - PhaseLink Corporation PLL102-04SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL102-04
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/22/05 Page 5
Output-Output Skew
REF
CLKOUT
The skew between CLKOUT and the CLK(1-4) outputs is not dynamically adjusted by the
PLL. Since CLKOUT is one of the inputs to the PLL, zero phase difference is maintained
from REF to CLKOUT. If all outputs are equally loaded, zero phase difference will
maintained from REF to all outputs.
If applications requiring zero output-output skew, all the outputs must equally loaded.
If the CLK(1-4) outputs are less loaded than CLKOUT, CLK(1-4) outputs will lead it; if the
CLK(0-4) is more loaded than CLKOUT, CLK(1-4) will lag the CLKOUT.
Since the CLKOUT and the CLK(1-4) outputs are identical, they all start at the same time,
but difference loads cause them to have different rise times and different times crossing
the measurement thresholds.
CLK(1-4)
Zero Delay
REF
CLKOUT
CLK(1-4)
Advanced
REF
CLKOUT
CLK(1-4)
Delayed
REF input and all outputs loaded equally
REF input and CLK(1-4) outputs loaded equally,
with CLK(1-4) less loaded than CLKOUT.
REF input and CLK(1-4) outputs loaded equally, with
CLK(1-4) more loaded than CLKOUT.



Html Pages

1 2 3 4 5 6