Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLL650-05SC Arkusz danych(PDF) 6 Page - PhaseLink Corporation

Numer części PLL650-05SC
Szczegółowy opis  Low EMI Network LAN Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLL [PhaseLink Corporation]
Strona internetowa  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-05SC Arkusz danych(HTML) 6 Page - PhaseLink Corporation

  PLL650-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL650-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL650-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL650-05SC Datasheet HTML 4Page - PhaseLink Corporation PLL650-05SC Datasheet HTML 5Page - PhaseLink Corporation PLL650-05SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL650-05
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 6
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL650-05 S C
Order Number
Marking
Package Option
PLL650-05SC-R
P650-05SC
SOIC - Tape and Reel
PLL650-05SC
P650-05SC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
S=SOIC
C
L
A
16 PIN Narrow SOIC ( mm )
SOIC
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
H
5.80
6.20
L
0.40
1.27
e
1.27 BSC
E
H
D
A1
e
B



Html Pages

1 2 3 4 5 6