| Zakładka z wyszukiwarką danych komponentów |
|
KRTBEKLP42.32 Arkusz danych(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
KRTBEKLP42.32 Arkusz danych(HTML) 24 Page - OSRAM GmbH |
|
24 / 27 page ![]() 2019-03-21 24 KRTB EKLP42.32 Kartonverpackung und Materialien Transportation Packing and Materials Dimensions of transportation box in mm Breite / Width Länge / length Höhe / height 352 ±5352 ±533 ±5 OHA02044 1 0 1 1 210 021 998 0 2 45 1 0 1 1 210 021 998 0 2 45 Packing Sealing label Barcode label M o ist u re L e ve l 3 F lo or tim e 16 8 H o u rs Mo is tur e L e ve l 6 F lo o r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r Ca rd is > 1 0 % w h en re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph a s e ref lo w , o r e q u iva le nt pr o ce s s in g (p e a k p a c ka g e 2 . A ft e r thi s b ag is o p e n e d , d e v ice s t h at w ill b e su b je c te d to inf ra re d 1 . Sh e lf lif e in s ea le d b a g : 2 4 m o n th s at < 4 0 ˚C a n d < 9 0 % rela ti v e hu mi d it y (R H ). M o ist u re Le v e l 5 a a t f a c to ry c o n d iti o ns o f (i f b la n k , se al d a te is ide n ti ca l w it h d a te c o d e) . a) M o u n ted w ith in b ) St o red a t b o dy te m p . 3 . D ev ic e s re q ui re b a k in g , be fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re Le v e l 1 Mo is tu re L e ve l 2 M o is tur e L e v e l 2 a 4. If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D at e a nd ti m e o p e n ed: ref e ren c e IP C /J ED EC J -ST D -03 3 fo r b a k e pr o c e du re. F loo r ti me s e e b e lo w If bl an k , s e e ba r co d e la b e l F loo r t im e > 1 Y e a r F lo o r time 1 Ye ar F lo o r time 4 W e e k s 1 0 % R H. _ < M oi s tur e Le v e l 4 Mo is tu re L e v e l 5 ˚C ). O PT O SE M IC O N D U CT ORS MO IS TUR E S EN S ITI V E T h is ba g co nt ai n s CA U T IO N F lo o r ti m e 7 2 H o u rs F lo o r t ime 4 8 H o u rs F lo or ti me 2 4 H o u rs 30 ˚C /6 0 % RH . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |