Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICS1893AG Arkusz danych(PDF) 39 Page - Integrated Circuit Systems

Numer części ICS1893AG
Szczegółowy opis  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICST [Integrated Circuit Systems]
Strona internetowa  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AG Arkusz danych(HTML) 39 Page - Integrated Circuit Systems

Back Button ICS1893AG Datasheet HTML 35Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 36Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 37Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 38Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 39Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 40Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 41Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 42Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 43Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 135 page
background image
Chapter 7 Functional Blocks
ICS1893AG, Rev. A 04/14/05
April, 2005
39
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.3 Functional Block: 100Base-X PCS and PMA Sublayers
The ICS1893AG is fully compliant with clause 24 of the ISO/IEC specification, which defines the
100Base-X Physical Coding sublayer (PCS) and Physical Medium Attachment (PMA) sublayers.
7.3.1 PCS Sublayer
The ICS1893AG 100Base-X PCS sublayer provides two interfaces: one to a MAC/repeater and the other
to the ICS1893AG PMA sublayer. An ICS1893’s PCS sublayer performs the transmit, receive, and control
functions and consists of the following:
• PCS Transmit sublayer, which provides the following:
– Parallel-to-serial conversion
– 4B/5B encoding
– Collision detection
• PCS Receive sublayer, which provides the following:
– Serial-to-parallel conversion
– 4B/5B encoding
– Carrier detection
– Code group framing
• PCS control functions, which provide:
– Assertion of the CRS (carrier sense) signal
– Assertion of the COL (collision detection) signal
7.3.2 PMA Sublayer
The ICS1893AG 100Base-X PMA Sublayer consists of two interfaces: one to the Physical Coding sublayer
and the other to the Physical Medium Dependent sublayer. Functionally, the PMA sublayer is responsible
for the following:
• Link Monitoring
• Carrier Detection
• NRZI encoding/decoding
• Transmit Clock Synthesis
• Receive Clock Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More