| Zakładka z wyszukiwarką danych komponentów |
|
ADSP-SC591 Arkusz danych(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 Arkusz danych(HTML) 60 Page - Analog Devices |
|
60 / 143 page ![]() Rev. PrD | Page 60 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data PB_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 15 | LP1 D0 | SPI0 Slave Select Output 4 Notes: See note2 PC_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 0 | LP1 D1 | SPI1 Slave Select Output 4 | TRACE0 Trace Data 04 | TWI4 Clock Notes: See note2 PC_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 1 | LP1 D2 | SPI2 Slave Select Output 4 | TRACE0 Trace Data 05 | TWI4 Data Notes: See note2 PC_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 2 | LP1 D3 | SPI1 Slave Select Output 6 | TRACE0 Trace Data 06 | TWI5 Clock Notes: See note2 PC_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 3 | LP1 D4 | SPI2 Slave Select Output 6 | TRACE0 Trace Data 07 | TWI5 Data Notes: See note2 PC_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 4 | LP1 D5 | OSPI0 Slave Select Output 2 Notes: See note2 PC_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 5 | LP1 D6 | OSPI0 Slave Select Output 3 | TIMER0 Timer 8 Notes: See note2 PC_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 6 | LP1 D7 | SPI1 Ready Notes: See note2 PC_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 7 | LP1 Clock | OSPI0 Slave Select Output 4 | System Fault | TIMER0 Timer 9 Notes: Defaults to GPIO on HPC package. Defaults to SYS_FAULT on LPC package, so external pull-down required to keep signal in deasserted state. PC_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 8 | EPPI0 D16 | OSPI0 Clock Notes: See note2 PC_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 9 | EPPI0 D17 | OSPI0 D3 Notes: See note2 PC_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 10 | EPPI0 D18 | OSPI0 D2 Notes: See note2 PC_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 11 | EPPI0 D19 | OSPI0 MOSI Notes: See note2 PC_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 12 | EPPI0 D20 | OSPI0 MISO Notes: See note2 Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |