| Zakładka z wyszukiwarką danych komponentów |
|
ADUCM3029BCBZ-R7 Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM3029BCBZ-R7 Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 39 page ![]() Data Sheet ADuCM3027/ADuCM3029 Rev. B | Page 9 of 39 TIMING SPECIFICATIONS Reset Timing Table 11. Parameter Symbol Min Typ Max Unit RESET TIMING REQUIREMENTS SYS_HWRST Asserted Pulse Width Low1 tWRST 4 µs 1 Applies after power-up sequence is complete. SYS_HWRST tWRST Figure 2. Reset Timing Serial Ports Timing Table 12. Parameter Symbol Min Typ Max Unit Test Conditions/Comments EXTERNAL CLOCK SERIAL PORTS Timing Requirements Frame Sync Setup Before SPT_CLK1 tSFSE 5 ns Externally generated frame sync in transmit or receive mode Frame Sync Hold After SPT_CLK1 tHFSE 5 ns Externally generated frame sync in transmit or receive mode Receive Data Setup Before Receive SPT_CLK1 tSDRE 5 ns Receive Data Hold After SPT_CLK1 tHDRE 8 ns SPT_CLK Width2 tSCLKW 38.5 ns SPT_CLK Period2 tSPTCLK 77 ns Switching Characteristics3 Frame Sync Delay After SPT_CLK tDFSE 20 ns Internally generated frame sync in transmit or receive mode Frame Sync Hold After SPT_CLK tHOFSE 2 ns Internally generated frame sync in transmit or receive mode Transmit Data Delay After Transmit SPT_CLK tDDTE 20 ns Transmit Data Hold After Transmit SPT_CLK tHDTE 1 ns INTERNAL CLOCK SERIAL PORTS Timing Requirements1 Receive Data Setup Before SPT_CLK tSDRI 25 ns Receive Data Hold After SPT_CLK tHDRI 0 ns Switching Characteristics Frame Sync Delay After SPT_CLK 3 tDFSI 20 ns Internally generated frame sync in transmit or receive mode Frame Sync Hold After SPT_CLK 3 tHOFSI −8 ns Internally generated frame sync in transmit or receive mode Transmit Data Delay After SPT_CLK3 tDDTI 20 ns Transmit Data Hold After SPT_CLK3 tHDTI −7 ns SPT_CLK Width tSCLKIW tPCLK − 1.5 ns SPT_CLK Period tSPTCLK (2 × tPCLK) − 1 ns Not shown in Figure 3 to Figure 7 ENABLE AND THREE-STATE SERIAL PORTS Switching Characteristics Data Enable from Internal Transmit SPT_CLK3 tDDTIN 5 ns Data Disable from Internal Transmit SPT_CLK3 tDDTTI 160 ns 1 This specification is referenced to the sample edge. 2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPT_CLK. 3 These specifications are referenced to the drive edge. |