| Zakładka z wyszukiwarką danych komponentów |
|
ICS84329BVT Arkusz danych(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS84329BVT Arkusz danych(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 19 page ![]() 84329BV www.icst.com/products/hiperclocks.html REV. B JANUARY 18, 2006 3 Integrated Circuit Systems, Inc. ICS84329B 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER TABLE 2. PIN CHARACTERISTICS TABLE 1. PIN DESCRIPTIONS e m a Ne p y Tn o i t p i r c s e D V A C C r e w o P. n i p y l p p u s g o l a n A , N I _ L A T X T U O _ L A T X t u p n I . t u p t u o e h t s i T U O _ L A T X . t u p n i e h t s i N I _ L A T X . e c a f r e t n i r o t a ll i c s o l a t s y r C E Ot u p n Ip u ll u P . ) t l u a f e d ( d e l b a n e e r a s t u p t u o e h t , H G I H c i g o l n e h W . e l b a n e t u p t u O : w o l l a i t n e r e f f i d e v i r d d n a d e l b a s i d e r a s t u p t u o e h t , W O L c i g o l n e h W . s l e v e l e c a f r e t n i L T T V L / S O M C V L . H G I H = T U O F n , W O L = T U O F D A O L _ P nt u p n Ip u ll u P o t n i d e d a o l s i 0 M : 8 M t a t n e s e r p a t a d n e h w s e n i m r e t e D . t u p n i d a o l l e ll a r a P . e u l a v e d i v i d t u p t u o N e h t s t e s 0 N : 1 N t a t n e s e r p a t a d n e h w d n a , r e d i v i d M . s l e v e l e c a f r e t n i L T T V L / S O M C V L , 3 M , 2 M , 1 M , 0 M 8 M , 7 M , 6 M , 5 M , 4 M t u p n Ip u ll u P . t u p n i D A O L _ P n f o n o i t s i s n a r t H G I H - o t - W O L n o d e h c t a l a t a D . s t u p n i r e d i v i d M . s l e v e l e c a f r e t n i L T T V L / S O M C V L 1 N , 0 Nt u p n Ip u ll u P . e l b a T n o i t c n u F C 3 e l b a T n i d e n i f e d s a e u l a v r e d i v i d t u p t u o N s e n i m r e t e D . s l e v e l e c a f r e t n i L T T V L / S O M C V L V E E r e w o P. s n i p y l p p u s e v i t a g e N T S E Tt u p t u O . n o i t a r e p o f o e d o m l a i r e s e h t n i d e s u s i h c i h w t u p t u o t s e T . s l e v e l e c a f r e t n i L T T V L / S O M C V L V C C r e w o P. s n i p y l p p u s e r o C T U O F , T U O F nt u p t u O . s l e v e l e c a f r e t n i L C E P V L V 3 . 3 . r e z i s e h t n y s e h t r o f t u p t u o l a i t n e r e f f i D K C O L C _ St u p n In w o d ll u P e h t n o r e t s i g e r t f i h s e h t o t n i t u p n i A T A D _ S t a t n e s e r p a t a d l a i r e s e h t s k c o l C . s l e v e l e c a f r e t n i L T T V L / S O M C V L . K C O L C _ S f o e g d e g n i s i r A T A D _ St u p n In w o d ll u P . K C O L C _ S f o e g d e g n i s i r e h t n o d e l p m a s a t a D . t u p n i l a i r e s r e t s i g e r t f i h S . s l e v e l e c a f r e t n i L T T V L / S O M C V L D A O L _ St u p n In w o d ll u P . r e d i v i d M e h t o t n i r e t s i g e r t f i h s m o r f a t a d f o n o i t i s n a r t s l o r t n o C . s l e v e l e c a f r e t n i L T T V L / S O M C V L : E T O N p u ll u P d n a n w o d ll u P . s e u l a v l a c i p y t r o f , s c i t s i r e t c a r a h C n i P , 2 e l b a T e e S . s r o t s i s e r t u p n i l a n r e t n i o t r e f e r l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U C N I e c n a t i c a p a C t u p n I 4F p R P U L L U P r o t s i s e R p u ll u P t u p n I 1 5k Ω R N W O D L L U P r o t s i s e R n w o d ll u P t u p n I 1 5k Ω |