| Zakładka z wyszukiwarką danych komponentów |
|
PCF2129A Arkusz danych(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129A Arkusz danych(HTML) 46 Page - NXP Semiconductors |
|
46 / 86 page ![]() NXP Semiconductors PCA2131 Nano-power highly accurate RTC with integrated quartz crystal for automotive applications Control_1. However, a minute interrupt enabled on top of a second interrupt cannot be distinguishable since it occurs at the same time. The minute/second flag MSF (register Control_2) is set logic 1 when either the seconds or the minutes counter increments according to the enabled interrupt (see Table 79). The MSF flag can be cleared by command. MI SI Result on INTA/B Result on MSF 0 0 no interrupt generated MSF never set 1 0 an interrupt once per minute MSF set when minutes counter increments 0 1 an interrupt once per second MSF set when seconds counter increments 1 1 an interrupt once per second MSF set when seconds counter increments Table 79. Effect of bits MI and SI on pin INTA/B and bit MSF When MSF is set logic 1: • If TI_TP is logic 1, the interrupt is generated as a pulsed signal if not masked. • If TI_TP is logic 0, the interrupt is permanently active signal that remains until MSF is cleared. aaa-041610 58 59 59 00 11 seconds counter minutes counter INTA/B when SI enabled MSF when SI enabled INTA/B when only MI enabled MSF when only MI enabled 12 00 01 In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt. Figure 18. INTA/B example for SI and MI when TI_TP is logic 1 PCA2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.0 — 26 July 2021 46 / 86 |