| Zakładka z wyszukiwarką danych komponentów |
|
ICS7151 Arkusz danych(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS7151 Arkusz danych(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 8 page ![]() Spread Spectrum Clock Generator MDS 7151 E 8 Revision 012306 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS7151 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS7151M-10 7151M-10 Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-10T 7151M-10 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-10LF 7151M10L Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-10LFT 7151M10L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-20 7151M-20 Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-20T 7151M-20 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-20LF 7151M20L Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-20LFT 7151M20L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-40 7151M-40 Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-40T 7151M-40 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-40LF 7151M40L Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-40LFT 7151M40L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-50 7151M-50 Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-50T 7151M-50 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151M-50LF 7151M50L Tubes 8-pin SOIC 0 to +70 ° C ICS7151M-50LFT 7151M50L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7151MI-10 7151MI10 Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-10T 7151MI10 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-10LF 51MI10LF Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-10LFT 51MI10LF Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-20 7151MI20 Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-20T 7151MI20 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-20LF 51MI20LF Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-20LFT 51MI20LF Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-40 7151MI40 Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-40T 7151MI40 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-40LF 51MI40LF Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-40LFT 51MI40LF Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-50 7151MI50 Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-50T 7151MI50 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7151MI-50LF 51MI50LF Tubes 8-pin SOIC -40 to +85 ° C ICS7151MI-50LFT 51MI50LF Tape and Reel 8-pin SOIC -40 to +85 ° C |