| Zakładka z wyszukiwarką danych komponentów |
|
USB4712 Arkusz danych(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4712 Arkusz danych(HTML) 41 Page - Microchip Technology |
|
41 / 43 page ![]() 2018-2021 Microchip Technology Inc. DS00002774G-page 41 USB4712 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB4712 = 1 Downstream Port, 1 Upstream Port USB4712LS = 1 Downstream Port, 1 Upstream Port USB4712PF = 1 Downstream Port, 1 Upstream Port Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: I= -40 C to +85C Package: PNX = 40-pin VQFN TBD = 40-pin VQFN (Wettable Flanks) Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product. Examples: a) USB4712-I/PNXVAA Tray, -40 C to+85C, 40-pin VQFN b) USB4712T-I/PNXVAA Tape & reel, -40 C to+85C, 40-pin VQFN c) USB4712LS-I/PNXVAA Tray, -40 C to+85C, 40-pin VQFN d) USB4712PFT-I/PNXVAA Tape & reel, -40 C to+85C, 40-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape and Reel Option / Temperature Range XXX [X](1) X - Package XXX Automotive Code |