| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 165 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 165 Page - NXP Semiconductors |
|
165 / 316 page ![]() Inter-Integrated Circuit (S08IICV2) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 165 Freescale-provided equate or header file is used to translate these names into the appropriate absolute addresses. 11.3.1 IIC Address Register (IICA) 11.3.2 IIC Frequency Divider Register (IICF) 76 54 321 0 R AD7 AD6 AD5 AD4 AD3 AD2 AD1 0 W Reset 000 00 000 = Unimplemented or Reserved Figure 11-3. IIC Address Register (IICA) Table 11-2. IICA Field Descriptions Field Description 7–1 AD[7:1] Slave Address. The AD[7:1] field contains the slave address to be used by the IIC module. This field is used on the 7-bit address scheme and the lower seven bits of the 10-bit address scheme. 76 54 321 0 R MULT ICR W Reset 000 00 000 Figure 11-4. IIC Frequency Divider Register (IICF) |