| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 303 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 303 Page - NXP Semiconductors |
|
303 / 316 page ![]() Appendix A Electrical Characteristics MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 303 Figure A-9. ADC Input Impedance Equivalency Diagram Table A-12. ADC Characteristics Characteristic Conditions C Symb Min Typ1 Max Unit Temp Rated2 Comment Stand ard AEC Grade 0 Supply current ADLPC=1 ADLSMP=1 ADCO=1 T IDD + IDDAD — 133 — Ax x ADC current only Supply current ADLPC=1 ADLSMP=0 ADCO=1 T IDD + IDDAD — 218 — Ax x ADC current only Supply current ADLPC=0 ADLSMP=1 ADCO=1 T IDD + IDDAD — 327 — Ax x ADC current only Supply current ADLPC=0 ADLSMP=0 ADCO=1 P IDD + IDDAD —0.582 1 mA x x ADC current only ADC asynchronous clock source High speed (ADLPC=0) PfADACK 23.3 5 MHz xx tADACK = 1/fADACK Low power (ADLPC=1) 1.25 2 3.3 xx + – + – VAS RAS CAS VADIN ZAS Pad leakage due to input protection ZADIN SIMPLIFIED INPUT PIN EQUIVALENT CIRCUIT RADIN ADC SAR ENGINE SIMPLIFIED CHANNEL SELECT CIRCUIT INPUT PIN RADIN CADIN INPUT PIN RADIN INPUT PIN RADIN |