| Zakładka z wyszukiwarką danych komponentów |
|
PCIMX6QP7CVT2AB Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6QP7CVT2AB Arkusz danych(HTML) 3 Page - NXP Semiconductors |
|
3 / 168 page ![]() Introduction i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 3 • Integrated power management—The processors integrate linear regulators and internally generate voltage levels for different domains. This significantly simplifies system power management structure. 1.1 Ordering Information Table 1 shows examples of orderable part numbers covered by this data sheet. This table does not include all possible orderable part numbers. The latest part numbers are available on nxp.com/imx6series. If your desired part number is not listed in the table, or you have questions about available parts, see nxp.com/imx6series or contact your NXP representative. Figure 1 describes the part number nomenclature to identify the characteristics of the specific part number you have (for example, cores, frequency, temperature grade, fuse options, silicon revision). Figure 1 applies to the i.MX 6DualPlus/6QuadPlus. The two characteristics that identify which data sheet a specific part applies to are the part number series field and the temperature grade (junction) field: • The i.MX 6DualPlus/6QuadPlus Automotive Applications Processors data sheet (IMX6DQPAEC) covers parts listed for the “Plus” series and with “A” indicating automotive temperature. •The i.MX 6DualPlus/6QuadPlus Applications Processors for Consumer Products data sheet (IMX6DQPCEC) covers parts listed with “D (Commercial temp)” or “E (Extended Commercial temp)” • The i.MX 6DualPlus/6QuadPlus Applications Processors for Industrial Products data sheet (IMX6DQPIEC) covers parts listed with “C (Industrial temp)” Table 1. Example Orderable Part Numbers Part Number Quad/Dual CPU Options Speed1 1 For 1 GHz speed grade: If a 24 MHz clock is used (required for USB), then the maximum SoC speed is limited to 996 MHz. Temperature Grade Package MCIMX6DP5EYM1AA i.MX 6DualPlus VPU, GPU 1GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6DP5EYM1AB i.MX 6DualPlus VPU, GPU 1 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6QP5EYM1AA i.MX 6QuadPlus VPU, GPU 1GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6QP5EYM1AB i.MX 6QuadPlus VPU, GPU 1 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (non-lidded) MCIMX6DP5EVT2AA i.MX 6DualPlus VPU, GPU 1.2 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6DP5EVT2AB i.MX 6DualPlus VPU, GPU 1.2 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6QP5EVT2AA i.MX 6QuadPlus VPU, GPU 1.2 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6QP5EVT2AB i.MX 6QuadPlus VPU, GPU 1.2 GHz Extended commercial 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) |