| Zakładka z wyszukiwarką danych komponentów |
|
ELS403 Arkusz danych(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ELS403 Arkusz danych(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
2 / 5 page ![]() 2 For the latest product information, Please visit our website at http://www.ece.com.tw Sensor 2.OPERATING CHARACTERISTICS Lead Type ELS401 ELS402 ELS403 Operate time 0.4ms max. 0.4ms max. 0.3ms max. Bounce time 0.3ms max. 0.3ms max. 0.3ms max. Release time 0.05ms max. 0.05ms max. 0.05ms max. Shock resistance 100G 50G 30G Vibration resistance 50G (10~2000Hz) 30G (10~2000Hz) 20G (10~2000Hz) Temperature range -40~+125℃ -40~+125℃ -40~+125℃ Solderability 245 for 5 ℃ seconds 245 for 5 ℃ seconds 245 for 5 ℃ seconds Life expectancy (5Vdc-1mA, Resistive load) 1x108 1x108 1x107 ■ PART NUMBER SYSTEM ELS 4 01 1015 1 00 Z Z: RoHS Compliant Standard product number Packing: 1:Tape & Reel Pull in AT range (before cutting): 1015:10~15AT Lead type: 01:SMD 19.50mm 02:SMD 16.25mm 03:SMD 12.10mm Type: 4:Reed switch ELS SERIES ELS401 ELS402 ELS403 |