| Zakładka z wyszukiwarką danych komponentów |
|
Z8F082ASH020SC Arkusz danych(PDF) 52 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Arkusz danych(HTML) 52 Page - Zilog, Inc. |
|
52 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y General-Purpose I/O Z8 Encore! XP® F08xA Series Product Specification 34 Table 14. Port Alternate Function Mapping (20/28-Pin Parts) Port Pin Mnemonic Alternate Function Description Alternate Function Set Register AFS1 Port A PA0 T0IN/T0OUT Timer 0 Input/Timer 0 Output Complement N/A Reserved PA1 T0OUT Timer 0 Output Reserved PA2 DE0 UART 0 Driver Enable Reserved PA3 CTS0 UART 0 Clear to Send Reserved PA4 RXD0/IRRX0 UART 0 / IrDA 0 Receive Data Reserved PA5 TXD0/IRTX0 UART 0 / IrDA 0 Transmit Data Reserved PA6 T1IN/T1OUT Timer 1 Input/Timer 1 Output Complement Reserved PA7 T1OUT Timer 1 Output Reserved Note: Because there is only a single alternate function for each Port A pin, the Alternate Function Set registers are not implemented for Port A. Enabling alternate function selections as described in “Port A–D Alternate Function Sub-Registers” on page 39 automatically enables the associated alternate function. |