Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZLP12840 Arkusz danych(PDF) 25 Page - Zilog, Inc.

Numer części ZLP12840
Szczegółowy opis  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Arkusz danych(HTML) 25 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 21Page - Zilog, Inc. ZLP12840 Datasheet HTML 22Page - Zilog, Inc. ZLP12840 Datasheet HTML 23Page - Zilog, Inc. ZLP12840 Datasheet HTML 24Page - Zilog, Inc. ZLP12840 Datasheet HTML 25Page - Zilog, Inc. ZLP12840 Datasheet HTML 26Page - Zilog, Inc. ZLP12840 Datasheet HTML 27Page - Zilog, Inc. ZLP12840 Datasheet HTML 28Page - Zilog, Inc. ZLP12840 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3
ZLP12840 OTP MCU
Product Specification
14
Port 3
Port 3 is a 8-bit, CMOS-compatible fixed I/O port (see Figure 6). Port 3 consists of four
fixed inputs (P33:P30) and four fixed outputs (P37:P34). P30, P31, P32, and P33 are stan-
dard CMOS inputs, and can be configured under software control as interrupts, as receive
data input to the UART block, as input to comparator circuits, or as input to the IR learn-
ing AMP. P34, P35, P36, and P37 are push/pull outputs, and can be configured as outputs
from the counter/timers. See the configuration illustration in Figure 6.
Figure 5. Port 2 Configuration
ÆÔÐïîèìð
ÑÌÐ ÓÝË
ᮬ î ø×ñÑ÷
×ñÑ
Ѱ»²óÜ®¿·²
Ñ«¬
ײ
п¼
λ-·-¬·ª» Ы´´ó˰
Ì®¿²-·-¬±®
øÑÌРѰ¬·±²÷
ÊÝÝ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58