Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IL33035 Arkusz danych(PDF) 2 Page - Integral Corp.

Numer części IL33035
Szczegółowy opis  BRUSHLESS DC MOTOR CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL33035 Arkusz danych(HTML) 2 Page - Integral Corp.

  IL33035 Datasheet HTML 1Page - Integral Corp. IL33035 Datasheet HTML 2Page - Integral Corp. IL33035 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IL33035
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Power Supply Voltage
Vcc
40
V
Digital Inputs (Pins 3, 4, 5, 6, 22, 23)
-
Vref
V
Oscillator Input Current (Source or Sink)
Iosc
30
mA
Error Amp Input Voltage Range (Pins 11, 12, Note 1)
VIR
-0.3 to Vref
V
Error Amp Output Current (Source or Sink, Note 2)
IOut
10
mA
Current Sense Input Voltage Range (Pins 9, 15)
VSense
-0.3 to 5.0
V
Fault Output Voltage
VCE(Fault)
20
V
Fault Output Sink Current
ISink(Fault)
20
mA
Top Drive Voltage (Pins 1, 2, 24)
VCE(top)
40
V
Top Drive Sink Current (Pins 1, 2, 24)
ISink(top)
50
mA
Bottom Drive Supply Voltage (Pin 18)
VC
30
V
Bottom Drive Output Current
(Source or Sink, Pins 19, 20. 21)
IDRV
100
mA
Power Dissipation and Thermal Characteristics
DIP package Maximum Power Dissipation TA = 85
oC Thermal
Resistance. Junction-to-Air
SO Package Maximum Power Dissipation TA= 85
oC
Thermal Resistance, Junction-to-Air
PD
RθJA
PD
RθJA
860
75
650
100
mW
oC/W
mW
oC/W
Operating Junction Temperature
TJ
150
oC
Operating Ambient Temperature Range
TA
-4010+65
oC
Storage Temperature Range
Tstg
-6510+150
oC
ELECTRICAL CHARACTERISTICS
(Vcc = Vc = 20 V, R
τ-= 4.7 k, Cτ = 10 nF, TA= 25°C, unless ofriarwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Output Voltage (Iref = 1.0 mA)
TA = 25
oC
TA=-40
oto+85oC
Vref
5.9
5.82
6.24
-
6.5
6.57
V
Line Regulation (Vcc = 10 to 30 V, Iref = 1.0 mA)
Regline
-
1.5
30
mV
Load Regulation (Iref = 1.0 to 20 mA)
Regload
-
16
30
mV
Output Short Circuit Current (Note 3)
ISC
40
75
-
mA
Reference Under Voltage Lockout Threshold
Vth
4.0
4.5
5.0
V
Input Offset Voltage (TA =-40
o to+ 85oC)
VIO
-
0.4
10
mV
Input Offset Current (TA=-40°to +85°C)
IIO
-
8.9
500
nA
Input Bias Current (TA=-40°to +85°C)
IIB
-
-46
-1000
nA
Input Common Mode Voltage Range
VICR
(OVtoV^)
V
Open Loop Voltage Gain (VO = 3.0 V, RL = 15 k)
AVOL
70
80
-
dB
Input Common Mode Rejection Ratio
CMRR
55
86
-
dB
Power Supply Rejection Ratio (Vcc =Vc = 10 to 30 V)
PSRR
65
105
-
dB



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com