Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX14724 Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części MAX14724
Szczegółowy opis  Serial-Controlled 8:4 Matrix Switch Multiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14724 Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  MAX14724 Datasheet HTML 1Page - Maxim Integrated Products MAX14724 Datasheet HTML 2Page - Maxim Integrated Products MAX14724 Datasheet HTML 3Page - Maxim Integrated Products MAX14724 Datasheet HTML 4Page - Maxim Integrated Products MAX14724 Datasheet HTML 5Page - Maxim Integrated Products MAX14724 Datasheet HTML 6Page - Maxim Integrated Products MAX14724 Datasheet HTML 7Page - Maxim Integrated Products MAX14724 Datasheet HTML 8Page - Maxim Integrated Products MAX14724 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
V+ ............................................................................-0.3V to +6V
V- .............................................................................-6V to +0.3V
VL ............................................................................-0.3V to +6V
V+ to V- ...................................................................-0.3V to +6V
VL to V-....................................................................-0.3V to +9V
NO_, COM_ (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
SCL/SCK, SDA/DI, I2C/CS, ADD/DO .....................-0.3V to +6V
ADD/DO to V-..........................................................-0.3V to +9V
Continuous Current into NO_, COM_ ..............................±50mA
Peak Current into NO_, COM_
(pulsed at 1ms, 10% duty cycle) ................................±100mA
Continuous Power Dissipation
20 TQFN (derate 25.6mW/°C above +70°C).............2051mW
20 WLP(derate 21.7mW/°C above +70°C)................1736mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -40°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Note 1: Signals on COM_ and NO_ exceeding V+ or V- are clamped by internal diodes.
(Note 2)
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........39°C/W
Junction-to-Case Thermal Resistance (θJC).................6°C/W
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........46°C/W
(V+ = 1.6V to 5V, V- = (V+ - 5.5V) to 0V, VL = 0V to 5.5V (Notes 3, 4), TA = -40°C to +85°C, unless otherwise noted. Typical values are
at V+ = 2.5V, V- = -2.5V, VL = 2.5V, TA = +25°C.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
V+ Supply
V+
1.6
5.5
V
V- Supply
V-
V+ - 5.5
0
V
VL Supply
VL
V- > -2.5V
0
5.5
V
V- ≤ -2.5V
0
V- + 8
V+ Supply Current
I+
TA = +25°C
1
5
µA
VL Supply Current
IVL
TA = +25°C
1.5
5
µA
ANALOG SWITCH (Note 6)
Analog Signal Range
VCOM_,
VNO_
V-
V+
V
On-Resistance
RON
ICOM_ = 10mA, V+ = 2.5V,
V- = -2.5V, VNO_ = V- or V+
1
3
Ω
ICOM_ = 10mA, V+ = 3.0V,
V- = 0V, VNO_ = 1.5V
5
On-Resistance Match Between
Channels (Note 7)
ΔRON
ICOM_ = 10mA, V+ = 2.5V,
V- = -2.5V, VNO_ = V- or V+
0.5
1.25
Ω
ICOM_ = 10mA, V+ = 3.0V,
V- = 0V , VNO_ = 1.5V
1.35
MAX14724
Serial-Controlled 8:4 Matrix Switch Multiplexer
www.maximintegrated.com
Maxim Integrated │ 2
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com