Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIC9130 Arkusz danych(PDF) 5 Page - Micrel Semiconductor

Numer części MIC9130
Szczegółowy opis  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Arkusz danych(HTML) 5 Page - Micrel Semiconductor

  MIC9130 Datasheet HTML 1Page - Micrel Semiconductor MIC9130 Datasheet HTML 2Page - Micrel Semiconductor MIC9130 Datasheet HTML 3Page - Micrel Semiconductor MIC9130 Datasheet HTML 4Page - Micrel Semiconductor MIC9130 Datasheet HTML 5Page - Micrel Semiconductor MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
April 2005
5
M9999-040805
MIC9130
Micrel, Inc.
Typical Characteristics
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
8 9 10 11 12 13 14 15 16 17 18
VCC (V)
Oscillator Frequency
vs. VCC Voltage
FOSC(NOM)=200kHz
Rt=9.47K
Ct=470pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
0
40
80
120
160
TEMPERATURE (°C)
Oscillator Frequency
vs. Temperature
VCC= 10V
RBIAS= 560K
Rt = 9.47K
Ct = 470pF
2.499
2.500
2.501
2.502
8 9 10 11 12 13 14 15 16 17 18
VCC (V)
Error Amp Reference
Voltage vs. VCC Voltage
RBIAS= 560K
2.480
2.485
2.490
2.495
2.500
2.505
2.510
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Error Amp Reference
Voltage vs. Temperature
V
C C = 10V
RBIAS= 560K
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
8 9 10 11 12 13 14 15 16 17 18
VCC (V)
Line UVLO Threshold
vs. VCC
1.18
1.19
1.2
1.21
1.22
1.23
1.24
-40
0
40
80
120
160
TEMPERATURE (°C)
Line UVLO Threshold
vs. Temperature
VCC=10V
RBIAS=560K
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
8
10
12
14
16
18
VCC (V)
Quiescent Current
vs. VCC Voltage
R
BIAS= 560K
Rt = 9.47K
Ct = 470pF
1.3
1.31
1.32
1.33
1.34
1.35
1.36
1.37
1.38
1.39
1.4
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
VCC= 10V
RBIAS= 560K
Rt = 9.47K
Ct = 470pF
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800 1000
GATE DRIVE FREQUENCY (kHz)
Quiescent Current
vs. Frequency
Ct = 120pF
Ct = 470pF
1
1.5
2
2.5
3
3.5
0
200 400 600 800 1000 1200
RBIAS (kΩ)
Quiescent Current
vs. RBIAS
VCC = 10V
Rt = 9.53K
Ct = 470pf
fOSC= 200kHz
0
10
20
30
40
50
60
70
80
90
0
200 400 600 800 1000 1200
RBIAS (kΩ)
ISNS to Gate Output Delay
vs. RBIAS
0
50
100
150
200
250
300
350
OVERDRIVE (mV)
ISNS to Gate Output Delay
vs. Overdrive
RBIAS=160K
RBIAS=560K
RBIAS=360K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com