| Zakładka z wyszukiwarką danych komponentów |
|
MSM7732-01TB Arkusz danych(PDF) 17 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7732-01TB Arkusz danych(HTML) 17 Page - OKI electronic componets |
|
17 / 29 page ![]() FEDL7732-01-10 OKI Semiconductor MSM7732-01 17/29 FUNCTIONAL DESCRIPTION Control Registers CR0 (Basic operating mode 1) Note: Initial Value: Reset state by PDN B7 B6 B5 B4 B3 B2 B1 B0 CR0 A/µ SEL PON AOUT PDN ALL PDN TX PDN RX SLP SLP SEL LNR Initial Value 0 0 0 0 0 0 0 0 B7………… PCM companding law select; 0/µ-law, 1/A-law B6………… Power on control for output amps (AOUT+, AOUT–); 0/Power down, 1/Power on B5………… Power down (entire system); 0/Power on, 1/Power down When using this data for power down control, set pin PDN at “1” level. The control registers are not reset by this signal. B4………… Power down (transmit and amplifier A); 0/Power on, 1/Power down B3………… Power down (receive only); 0/Power on, 1/Power down B2………… Slope filter enable; 0/Slope filter disable, 1/ Slope filter enable B1………… The type of slope filter select; 0/CASE1, 1/CASE2, refer to Figure 6. B0………… PCM interface linear code select; 0/Companding law selected by CR0-B7 1/14-bit linear code (2’s complement) in spite of CR0-B7 Figure 6 Frequency Response of Slope Filter [Hz] –14 –12 –10 –8 –6 –4 –2 0 2 4 6 0 500 1000 1500 2000 2500 3000 3500 4000 Frequency CASE1 CASE2 |