| Zakładka z wyszukiwarką danych komponentów |
|
MSM511666CL Arkusz danych(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM511666CL Arkusz danych(HTML) 4 Page - OKI electronic componets |
|
4 / 16 page ![]() 4/16 ¡ Semiconductor MSM511666C/CL ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings Recommended Operating Conditions Capacitance *: Ta = 25 °C Voltage on Any Pin Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature VT Symbol IOS PD* Topr Tstg –1.0 to 7.0 50 1 0 to 70 –55 to 150 Rating mA W °C °C Parameter V Unit Power Supply Voltage Input High Voltage Input Low Voltage VCC Symbol VSS VIH VIL 5.0 0 — — Typ. Parameter 4.5 0 2.4 –1.0 Min. 5.5 0 6.5 0.8 Max. (Ta = 0°C to 70°C) V Unit V V V Input Capacitance (A0 - A7) Input Capacitance Output Capacitance (DQ1 - DQ16) CIN1 Symbol CIN2 CI/O 7 7 7 Max. pF Unit pF pF Parameter (VCC = 5 V ±10%, Ta = 25°C, f = 1 MHz) — — — Typ. (RAS, CAS, UWE, LWE, OE) |