| Zakładka z wyszukiwarką danych komponentów |
|
PREF7012QFKHT Arkusz danych(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PREF7012QFKHT Arkusz danych(HTML) 31 Page - Texas Instruments |
|
31 / 38 page ![]() 12 Layout 12.1 Layout Guidelines Figure 12-1 illustrates an example of a PCB layout for a data acquisition system using the REF70. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN of the REF70. • Connect low-ESR, 1-uF to 100-uF capacitor at OUTF of the REF70. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 12.2 Layout Example Copyright © 2020, Texas Instruments Incorporated GND VIN EN GND GND OUTF OUTS GND 1 2 3 4 8 7 6 5 CL CIN Analog GND Input Voltage VREF Enable Control Figure 12-1. Layout Example www.ti.com REF70 SNAS781C – OCTOBER 2020 – REVISED SEPTEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 31 Product Folder Links: REF70 |