Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3955 Arkusz danych(PDF) 3 Page - ams AG

Numer części AS3955
Szczegółowy opis  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Arkusz danych(HTML) 3 Page - ams AG

  AS3955 Datasheet HTML 1Page - ams AG AS3955 Datasheet HTML 2Page - ams AG AS3955 Datasheet HTML 3Page - ams AG AS3955 Datasheet HTML 4Page - ams AG AS3955 Datasheet HTML 5Page - ams AG AS3955 Datasheet HTML 6Page - ams AG AS3955 Datasheet HTML 7Page - ams AG AS3955 Datasheet HTML 8Page - ams AG AS3955 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
ams Datasheet
Page 3
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − General Description
Applications
AS3955 is suited to a wide range of applications, including
• NFC connection handover (Bluetooth™,
Bluetooth Low Energy, Wi-Fi pairing)
• Equipment setup, service and configuration
• Firmware upgrades
• Activity and status logging
• Wireless authentication (e.g. access control to buildings
and equipment)
Typical Markets:
• EMV payment cards
• Consumer electronics, wearables and smart clothing
• Home appliances
• Automotive
• Industrial equipment and building automation
• Remote sensing
• Gaming
A typical system diagram is depicted in Figure 2.
At the presence of a 13.56 MHz field generated by a NFC device,
AS3955 powers up, notifies the microcontroller through a
wake-up signal and handles the tag activation sequence.
Depending on configuration, several operations are then
possible:
• AS3955 exchanges with the NFC device NDEF data stored
in the internal EEPROM
• The microcontroller exchanges with the NFC device NDEF
data stored in external memory
• The microcontroller exchanges data with AS3955. This
operation can be performed concurrently with
communication over the RF link, or also in absence of RF
power, in presence of an external supply.
Figure 2:
Typical System Diagram
AS3955
microcontroller
I²C or SPI
wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More