| Zakładka z wyszukiwarką danych komponentów |
|
EDB8164B4PT-1DITF-R Arkusz danych(PDF) 7 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
EDB8164B4PT-1DITF-R Arkusz danych(HTML) 7 Page - Micron Technology |
|
7 / 152 page ![]() List of Tables Table 1: Key Timing Parameters ....................................................................................................................... 1 Table 2: S4 Configuration Addressing ............................................................................................................... 1 Table 3: Package Codes and Descriptions ......................................................................................................... 2 Table 4: IDD Specifications – Dual Die, Dual Channel ...................................................................................... 10 Table 5: IDD6 Full-Array Self Refresh Current at 45°C for Dual die product ........................................................ 12 Table 6: IDD6 Partial-Array Self Refresh Current at 85°C for Dual die product .................................................... 12 Table 7: IDD Specifications – Dual Die, Dual Channel ...................................................................................... 13 Table 8: IDD6 Partial-Array Self Refresh Current at 105°C Dual die for Dual die prodct ....................................... 15 Table 9: Ball/Pad Descriptions ....................................................................................................................... 24 Table 10: Initialization Timing Parameters ...................................................................................................... 30 Table 11: Power-Off Timing ............................................................................................................................ 31 Table 12: Mode Register Assignments ............................................................................................................. 32 Table 13: MR0 Device Information (MA[7:0] = 00h) ......................................................................................... 33 Table 14: MR0 Op-Code Bit Definitions .......................................................................................................... 33 Table 15: MR1 Device Feature 1 (MA[7:0] = 01h) .............................................................................................. 33 Table 16: MR1 Op-Code Bit Definitions .......................................................................................................... 33 Table 17: Burst Sequence by Burst Length (BL), Burst Type (BT), and Wrap Control (WC) ................................. 34 Table 18: No-Wrap Restrictions ...................................................................................................................... 35 Table 19: MR2 Device Feature 2 (MA[7:0] = 02h) .............................................................................................. 35 Table 20: MR2 Op-Code Bit Definitions .......................................................................................................... 36 Table 21: MR3 I/O Configuration 1 (MA[7:0] = 03h) ......................................................................................... 36 Table 22: MR3 Op-Code Bit Definitions .......................................................................................................... 36 Table 23: MR4 Device Temperature (MA[7:0] = 04h) ........................................................................................ 36 Table 24: MR4 Op-Code Bit Definitions .......................................................................................................... 37 Table 25: MR5 Basic Configuration 1 (MA[7:0] = 05h) ...................................................................................... 37 Table 26: MR5 Op-Code Bit Definitions .......................................................................................................... 37 Table 27: MR6 Basic Configuration 2 (MA[7:0] = 06h) ...................................................................................... 38 Table 28: MR6 Op-Code Bit Definitions .......................................................................................................... 38 Table 29: MR7 Basic Configuration 3 (MA[7:0] = 07h) ...................................................................................... 38 Table 30: MR7 Op-Code Bit Definitions .......................................................................................................... 38 Table 31: MR8 Basic Configuration 4 (MA[7:0] = 08h) ...................................................................................... 38 Table 32: MR8 Op-Code Bit Definitions .......................................................................................................... 38 Table 33: MR9 Test Mode (MA[7:0] = 09h) ....................................................................................................... 39 Table 34: MR10 Calibration (MA[7:0] = 0Ah) ................................................................................................... 39 Table 35: MR10 Op-Code Bit Definitions ........................................................................................................ 39 Table 36: MR[11:15] Reserved (MA[7:0] = 0Bh–0Fh) ......................................................................................... 40 Table 37: MR16 PASR Bank Mask (MA[7:0] = 010h) .......................................................................................... 40 Table 38: MR16 Op-Code Bit Definitions ........................................................................................................ 40 Table 39: MR16 Bank and OP corresponding table .......................................................................................... 40 Table 40: MR17 PASR Segment Mask (MA[7:0] = 011h) .................................................................................... 41 Table 41: MR17 PASR Segment Mask Definitions (1Gb - 8Gb only) ................................................................... 41 Table 42: MR17 PASR Row Address Ranges in Masked Segments ...................................................................... 41 Table 43: Reserved Mode Registers ................................................................................................................. 42 Table 44: MR32 DQ Calibration Pattern A (MA[7:0] = 20H) ............................................................................... 42 Table 45: MR40 DQ Calibration Pattern B (MA[7:0] = 28H) ............................................................................... 42 Table 46: MR63 RESET (MA[7:0] = 3Fh) – MRW Only ....................................................................................... 42 Table 47: Bank Selection for PRECHARGE by Address Bits ............................................................................... 59 Table 48: PRECHARGE and Auto Precharge Clarification ................................................................................. 63 Table 49: REFRESH Command Scheduling Separation Requirements .............................................................. 65 Table 50: Bank and Segment Masking Example ............................................................................................... 75 216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features 09005aef85eb530a 216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN 7 Micron Technology, Inc. reserves the right to change products or specifications without notice. © 2014 Micron Technology, Inc. All rights reserved. |