Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G071EB Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części STM32G071EB
Szczegółowy opis  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071EB Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button STM32G071EB Datasheet HTML 56Page - STMicroelectronics STM32G071EB Datasheet HTML 57Page - STMicroelectronics STM32G071EB Datasheet HTML 58Page - STMicroelectronics STM32G071EB Datasheet HTML 59Page - STMicroelectronics STM32G071EB Datasheet HTML 60Page - STMicroelectronics STM32G071EB Datasheet HTML 61Page - STMicroelectronics STM32G071EB Datasheet HTML 62Page - STMicroelectronics STM32G071EB Datasheet HTML 63Page - STMicroelectronics STM32G071EB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
Electrical characteristics
STM32G071x8/xB
60/133
DS12232 Rev 3
Table 26. Typical current consumption in Run and Low-power run modes,
depending on code executed
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
General
Code
Fetch
from(1)
25 °C
25 °C
IDD(Run)
Supply
current in
Run mode
Range 1;
fHCLK = fPLLRCLK =
64 MHz;
(2)
Reduced code(3)
Flash
memory
6.4
mA
100
uA/MHz
Coremark
6.2
97
Dhrystone 2.1
5.9
92
Fibonacci
4.6
71
While(1) loop
4.6
71
Reduced code(3)
SRAM
6.2
96
Coremark
6.2
97
Dhrystone 2.1
6.0
93
Fibonacci
6.2
96
While(1) loop
4.8
75
Range 2;
fHCLK = fHSI16 =
16 MHz,
PLL disabled,
(2)
Reduced code(3)
Flash
memory
1.5
94
Coremark
1.5
94
Dhrystone 2.1
1.5
91
Fibonacci
1.1
69
While(1) loop
1.1
69
Reduced code(3)
SRAM
1.5
91
Coremark
1.4
88
Dhrystone 2.1
1.4
84
Fibonacci
1.5
91
While(1) loop
1.1
69
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fHSI16/8 =
2 MHz;
PLL disabled,
(2)
Reduced code(3)
Flash
memory
380
uA
190
uA/MHz
Coremark
395
198
Dhrystone 2.1
405
203
Fibonacci
385
193
While(1) loop
400
200
Reduced code(3)
SRAM
250
125
Coremark
245
123
Dhrystone 2.1
240
120
Fibonacci
250
125
While(1) loop
230
115
1. Prefetch and cache enabled when fetching from Flash. Code compiled with high optimization for space in SRAM.
2. VDD = 3.3 V, all peripherals disabled, cache enabled, prefetch disabled for execution in Flash and enabled in SRAM
3. Reduced code used for characterization results provided in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com