| Zakładka z wyszukiwarką danych komponentów |
|
STM32CUBEL4 Arkusz danych(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32CUBEL4 Arkusz danych(HTML) 30 Page - STMicroelectronics |
|
30 / 37 page ![]() Demonstration firmware settings UM1919 30/37 DocID028080 Rev 1 5.6 Programming firmware application First of all, install the ST-LINK/V2.1 driver available on ST website. There are two ways of programming the STM32L476G discovery board. 5.6.1 Using binary file Upload the binary STM32CubeDemo_STM32L476G-Discovery-VX.Y.Z.hex from the firmware package available under Projects\STM32L476G-Discovery\Demonstrations\Binary using your preferred in-system programming tool. 5.6.2 Using preconfigured projects Choose one of the supported tool chains and follow the steps below: • Open the application folder: Projects\STM32L476G-Discovery \Demonstrations\ • Chose the desired IDE project (EWARM for IAR, MDK-ARM for Keil) • Double click on the project file (for example Project.eww for EWARM) • Rebuild all files: Go to Project and select Rebuild all • Load the project image: Go to Project and select Debug • Run the program: Go to Debug and select Go The demonstration software as well as other software examples that allow the user to discover the STM32 microcontroller features are available on ST website at www.st.com/stm32l4-discovery. |