Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XN4E-TL403Q4MR Arkusz danych(PDF) 1 Page - IDEC Corporation

Numer części XN4E-TL403Q4MR
Szczegółowy opis  16, 22 & 30mm X Series E-Stop Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDEC [IDEC Corporation]
Strona internetowa  https://us.idec.com/
Logo IDEC - IDEC Corporation

XN4E-TL403Q4MR Arkusz danych(HTML) 1 Page - IDEC Corporation

  XN4E-TL403Q4MR Datasheet HTML 1Page - IDEC Corporation XN4E-TL403Q4MR Datasheet HTML 2Page - IDEC Corporation XN4E-TL403Q4MR Datasheet HTML 3Page - IDEC Corporation XN4E-TL403Q4MR Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Plasticbezel,metallicpadlockandflushbezelavailable(XNseries)
•Installupto20padlocks(XN4E)
• ø29,ø40,ø44orø60mmMushroomheadsavailable
• IDEC’soriginal“safebreakaction”ensuresthatthecontactsstayopenwhen
thecontactblockisdetachedfromtheoperator.
• Safety-lockmechanism(IEC60947-5-5,6.2)
• 2-in-1:Push-to-lock,Pull/Turn-to-Reset
•Push-ONLEDmodelallowsE-Stopstobeilluminatedonlywhenlatched
• DirectOpeningActionmechanism(IEC60947-5-5,5.2,IEC60947-5-1,AnnexK)
• Veryshortpaneldepth(seechartonnextpage)
• DegreeofprotectionIP65(IEC60529)
• RoHScompliant(EUdirective2002/95/EC).Containsnolead,cadmium,
mercury,hexavalentchromium,PBBorPBDE.
•XN4EseriescomplieswithOSHAandISO12100-2:2003standards
16, 22 & 30mm X Series E-Stop Switches
Features
IDEC Corporation 1175 Elko Drive
Sunnyvale, CA 94089 800-262-IDEC (4332)
Fax: 408-745-5258 www.IDEC.com/usa
©2010 IDEC Corporation. All Rights Reserved.
Catalog No. XS9Y-DS100-1 01/10 10K
For more information on the these
and other IDEC E-Stops, visit:
www.IDEC.com/usa/estop
www.IDEC.com 800-262-IDEC
Specifications con’t on following page
NEW
30mm
Specifications
ø16mm - XA
ø22mm - XW
ø30mm - XN
Applicable Standards
IEC60947-5-1,EN60947-5-1,IEC60947-5-5,EN60947-5-5
UL508,CSAC22.2No.14
UL508,UL991,CSAC22.2No.14
Operating Temperature
Non-illuminated:–25to+60°C(nofreezing),Illuminated:–25to+55°C(nofreezing)
Operating Humidity
45to85%RH(nocondensation)
Storage Temperature
–45to+80°C
Operating Force
Push-to-lock:10.5N
Pull-to-reset:10N
Turn-to-reset:0.16N·m
Push-to-lock:32N
Pull-to-reset:21N
Turn-to-reset:0.27N·m
XN1E,XN5EXN4E
Push-to-lock:32NPush-to-lock:32N
Pull-to-reset:21NPull-to-reset:N/A
Turn-to-reset:0.27N·mTurn-to-reset:0.4N·m
Minimum Force Required for
Direct Opening Action
60N
80N
Min Operator Stroke Required
for Direct Opening Action
4mm
Maximum Operator Stroke
4.5mm
Contact Resistance
50mΩmaximum(initialvalue)
Contact Material
Goldplatedsilver
Insulation Resistance
100MΩminimum(500VDCmegger)
Impulse Withstand Voltage
2.5kV
Pollution Degree
3(insideLEDunit:2)
3
Operation Frequency
900operations/hour
Shock Resistance
Operatingextremes:150m/s2
(15G),Damagelimits:1000m/s2(100G)
Vibration Resistance
Operatingextremes:10to500Hz,amplitude0.35mmacceleration50m/s
2
Damagelimits:10to500Hz,amplitude0.35mmacceleration50m/s
2
Mechanical Life
250,000operationsminimum
Electrical Life
100,000operationsminimum,250,000operationsminimum(24VAC/DC,100mA)
Degree of Protection
IP65(IEC60529)
Operator:IP65(IEC60529)
Terminal:IP20(whenXW9Z-VL2MFisinstalled)
Conditional Short-circuit Current
1000A
Terminal Style
Solderterminal,PCboardterminal
M3.0screwterminal
Recommended Tightening
Torque for Locking Ring
0.88N·m
2.0N·m
2.5N·m
Connectable Wire
1.25mm2maximum(16AWGmax)
0.75to1.25mm2(16AWGmax)
Soldering Conditions
310to350°C,3secondsmaximum
Weight
ø29mm:23g
ø40mm:28g
ø40mm:72g
ø60mm:81g
Plasticbezel:83g(ø40mm),93g(ø60mm)
Flushbezel:89g
Padlocktype:20g
New
33
47.7
ø40
Panel Thickness
1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal
Screws
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
ø40 mm
Mushroom
ø60 mm
Jumbo Mushroom
33
Push-ON
Illuminated
33
47.7
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal
Screws
ø40
30mm XN1E Non-Illuminated (with terminal cover)
30mm XN1E Illuminated/Push-ON (with terminal cover)
21
60.4
ø40
4.8
+0.2
0
ø30.5
R0.8
max.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal Screws
Push-ON
Illuminated
21
60.4
Rubber Gasket
Locking Ring
M3 Terminal Screws
ø4
0
4.8
+0.2
0
ø30.5
R0.8
max.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
61.4
43
4.8
+0.2
0
R0.8
max.
ø30.
5 +0.5
0
Panel Cut-out
Rubber Gasket
Locking Ring
M3 Terminal Screws
Panel Thickness 1 to 6
Terminal Cover
XW9Z-VL2M
61.4
59.9
43
4.8+0.2
0
R0.8
max.
ø30.
5 +0.5
0
Panel Cut-out
Panel Thickness 1 to 6
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal Screws
Push-ON
Illuminated
30mm XN5E Non-Illuminated (with terminal cover)
30mm XN5E Illuminated/Push-ON (with terminal cover)
30mm XN4E Non-Illuminated (with terminal cover)
30mm XN4E Illuminated/Push-ON (with terminal cover)
Accessories
Model
Description
Part Number
XA
ReplacementLEDUnit:SolderTerminal
XA9Z-LED2R
ReplacementLEDUnit:PCBTerminal
XA9Z-LED2VR
TerminalCoverforcontactblock
XA9Z-VL2
XW and XN
TerminalCoverforcontactblock
XW9Z-VL2M
IP20FingersafeCover
XW9Z-VL2MF
XN
LockingRingWrench
XN9Z-T1
LockingRingTwistWrench
TWST-T1
LockoutHasp
XN9Z-HASP421


Podobny numer części - XN4E-TL403Q4MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IDEC Corporation
XN4E-TL403Q4MR IDEC-XN4E-TL403Q4MR Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
More results

Podobny opis - XN4E-TL403Q4MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 16, 2006
logo
Altech corporation
2ESS1 ALTECH-2ESS1 Datasheet
200Kb / 1P
E-Stop Shroud 2ESS1
logo
Intersil Corporation
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 16, 2006
logo
Grayhill, Inc
42A36-01-1-07N GRAYHILL-42A36-01-1-07N Datasheet
673Kb / 1P
Adjustable Stop Rotary Switches
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Schneider Electric
9001K17R05 SCHNEIDER-9001K17R05 Datasheet
72Kb / 1P
30MM SNAP-IN MUSHROOM KNOB E-STOP
Dec 28, 2021
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com