| Zakładka z wyszukiwarką danych komponentów |
|
W7100A Arkusz danych(PDF) 37 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W7100A Arkusz danych(HTML) 37 Page - WIZnet Co., Ltd |
|
37 / 160 page ![]() W7100A Datasheet v1.2.5 37 DPS (0x86) 7 6 5 4 3 2 1 0 Reset ID1 ID0 TSL - - - - SEL 0x00 Figure 2.21 Data Pointer Select Register Note: TSL - Toggle select enable. When TSL is set, this bit toggles the SEL bit by exec uting the following instructions. INC DPTR MOV DPTR, #data16 MOVC A, @A + DPTR MOVX @DPTR, A MOVX A, @DPTR When TSL = 0, DPTR related instructions will not affect the state of the SEL bit. Unimplemented bit - Read as 0 or 1. Table 2.3 DPTR0, DPTR1 Operations ID1 ID0 SEL = 0 SEL = 1 0 0 INC DPTR INC DPTR1 0 1 DEC DPTR INC DPTR1 1 0 INC DPTR DEC DPTR1 1 1 DEC DPTR DEC DPTR1 Selected data pointer register is used in the following instructions: MOVX @DPTR, A MOVX A, @DPTR MOVC A, @A + DPTR JMP @A + DPTR INC DPTR MOV DPTR, #data16 2.5.5 Clock Control Register Clock control register CKCON (0x8E) contains MD [2:0] bits which provide the information for the dedicated data memory read/write signal pulses width. CKCON (0x8E) 7 6 5 4 3 2 1 0 Reset WD1 WD0 - - - MD2 MD1 MD0 0x07 Figure 2.22 Clock Control Register – STRETCH bits |