| Zakładka z wyszukiwarką danych komponentów |
|
ADM7155ARDZ-03-R7 Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM7155ARDZ-03-R7 Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet ADM7155 Rev. C | Page 3 of 24 SPECIFICATIONS VIN = VOUT_MAX + 0.5 V, EN = VIN; ILOAD = 10 mA; CIN = COUT = CREG = 10 μF; CREF = CBYP = 1 μF; TA = 25°C for typical specifications; TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted. Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT VOLTAGE RANGE VIN 2.3 5.5 V LOAD CURRENT ILOAD 600 mA OPERATING SUPPLY CURRENT IGND ILOAD = 0 μA 4.0 7.0 mA ILOAD = 600 mA 6.5 10 mA SHUTDOWN CURRENT IIN_SD EN = GND 0.2 2 μA NOISE Output Noise OUTNOISE 10 Hz to 100 kHz, VOUT = 1.2 V to 3.4 V 1.6 μV rms 100 Hz to 100 kHz, VOUT = 1.2 V to 3.4 V 0.9 μV rms Noise Spectral Density OUTNSD 10 kHz to 1 MHz, VOUT = 1.2 V to 3.4 V 1.5 nV/√Hz POWER SUPPLY REJECTION RATIO PSRR IOUT = 400 mA ADM7155-01 1 kHz to 100 kHz, VIN = 2.3 V 92 dB 1 MHz, VIN = 2.3 V 65 dB ADM7155-02 1 kHz to 100 kHz, VIN = 2.9 V 94 dB 1 MHz, VIN = 2.9 V 61 dB ADM7155-03 1 kHz to 100 kHz, VIN = 3.4 V 94 dB 1 MHz, VIN = 3.4 V 57 dB ADM7155-04 1 kHz to 100 kHz, VIN = 3.9 V 94 dB 1 MHz, VIN = 3.9 V 57 dB OUTPUT VOLTAGE ACCURACY VOUT = VREF Initial Accuracy VOUT ILOAD = 10 mA, TJ = +25°C −0.5 +0.5 % 1 mA < ILOAD < 600 mA, TJ = −40°C to +85°C −2.0 +1.5 % 1 mA < ILOAD < 600 mA −2.0 +2.0 % REGULATION Line ∆VOUT/∆VIN VIN = VOUT_MAX + 0.5 V to 5.5 V −0.02 +0.02 %/V Load1 ∆VOUT/∆IOUT IOUT = 1 mA to 600 mA 0.3 1.6 %/A CURRENT-LIMIT THRESHOLD2 ILIMIT VREF 22 mA VOUT 700 960 1200 mA DROPOUT VOLTAGE3 VDROPOUT IOUT = 400 mA, VOUT = 3.3 V 80 130 mV IOUT = 600 mA, VOUT = 3.3 V 120 210 mV PULL-DOWN RESISTANCE VOUT VOUT_PULL EN = 0 V, VOUT = 1 V, VIN = 5.5 V 550 Ω REG VREG_PULL EN = 0 V, VREG = 1 V, VIN = 5.5 V 33 kΩ REF VREF_PULL EN = 0 V, VREF = 1 V, VIN = 5.5 V 620 Ω BYP VBYP_PULL EN = 0 V, VBYP = 1 V, VIN = 5.5 V 400 Ω START-UP TIME4 VOUT tSTARTUP VOUT = 3.3 V 1.2 ms VREG tREG_STARTUP VOUT = 3.3 V 0.55 ms VREF tREF_STARTUP VOUT = 3.3 V 0.44 ms THERMAL SHUTDOWN Threshold TSSD TJ rising 150 °C Hysteresis TSSD_HYS 15 °C UNDERVOLTAGE THRESHOLDS Input Voltage Rising UVLORISE 2.29 V Falling UVLOFALL 1.95 V Hysteresis UVLOHYS 200 mV |