Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BN-W Arkusz danych(PDF) 21 Page - IDEC Corporation

Numer części BN-W
Szczegółowy opis  Terminal Blocks
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDEC [IDEC Corporation]
Strona internetowa  https://us.idec.com/
Logo IDEC - IDEC Corporation

BN-W Arkusz danych(HTML) 21 Page - IDEC Corporation

Back Button BN-W Datasheet HTML 17Page - IDEC Corporation BN-W Datasheet HTML 18Page - IDEC Corporation BN-W Datasheet HTML 19Page - IDEC Corporation BN-W Datasheet HTML 20Page - IDEC Corporation BN-W Datasheet HTML 21Page - IDEC Corporation BN-W Datasheet HTML 22Page - IDEC Corporation BN-W Datasheet HTML 23Page - IDEC Corporation BN-W Datasheet HTML 24Page - IDEC Corporation BN-W Datasheet HTML 25Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
For more information, visit http://asia.idec.com
G-027
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
BN
BN-W / BNH-W Series Terminal Blocks Series
Accessories (Marking Strips / Marking Strip Fastener / Slide Marking Strip)
Marking Strips, Marking Strip Fastener
Item
Part No.
Ordering No.
Weight
(approx.)
Package
Quantity
Specification
Marking Strip
BNM7
BNM7PN10
7.2g
10
PVC (glossy surface)
1000 mm × 9.5 mm × 0.5 mm
BNM9
BNM9PN10
6.4g
10
Fiber glass (matte surface)
1000 mm × 9.5 mm × 0.5 mm
BNM725
BNM725
—
1
PVC (matte surface)
25 m × 9.5 mm × 0.5 mm
Marking Strip
Fastener
BNM3
BNM3PN50
0.1g
50
BNM7
BNM9
BNM3
• To install the marking strip fastener
160mm
9.5mm
ø75mm
Sliding Marking Strip (BN10W to BN30W)
17-mm-wide marking strip
•Both top and bottom sides of the marking strip
holder can be used.
End plate (Thickness 5 mm)
BNES15W
BNES30W
Terminal Block
BN10W to BN15LWT
BN30W
17-mm-wide
Marking Strip
Marking Strip Holder
Item
Part No.
Ordering No.
Terminal Blocks
Specification
Package Quantity
➀ End Plate
BNES15W
BNES15WPN10
BN10W to BN15LWT
For sliding marking strip
10
BNES30W
BNES30WPN10
BN30W
For sliding marking strip
10
➁ Marking Strip
BNM5
BNM5PN10
BN10W to BN15LWT
BN30W
PVC (Note)
10
➂ Marking Strip Holder
BNMH1
BNMH1PN10
1m
10
➃ Dust Cover
BNCS230
BNCS230PN10
1m
10
Note: Length 1000 mm × Width 9.5 mm × Thickness 0.5 mm
Installing the Sliding Marking Strip
When sliding the marking
strip holder, slide by
holding both edges of the
holder.
To lock the marking strip
holder, lock by holding
both edges of the holder.
Marking Strip Holder
3
Recess
Recess
Marking Strip Holder
Marking Strip
Marking Strip
3
2
Slide
Lock
1. Insert the marking strip into the groove of
the top of the marking strip holder.
2. Installing the end plate
Attach the end plates to the terminal blocks and
secure with end clips.
3. Insert the marking strip holder into the
recess of the end plate.
4. Press the dust cover to fit
onto the bottom groove of
the end plate.
Movement
•Sliding movement of the marking strip holder
1 End Plate
End Clip (BNL6)
4 Dust Cover
•To lock the marking strip holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com