| Zakładka z wyszukiwarką danych komponentów |
|
HAFSFS0100C6ACAAX3 Arkusz danych(PDF) 13 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
HAFSFS0100C6ACAAX3 Arkusz danych(HTML) 13 Page - Honeywell Solid State Electronics Center |
|
13 / 14 page ![]() 13 sensing.honeywell.com ±50 SCCM to ±750 SCCM Figure 10. Mounting dimensions (For reference only: mm [in], continued.) SS: Short port, snap mount 10 Table 8. Pinout Pin 1 Pin 2 Pin 3 Pin 4 SCL Vsupply ground SDA Mounting Footprint 26,00 [1.024] 22,0 [0.866] 2X DIA. 2,2 [0.086] THRU HOLES FOR MOUNTING 3,80 [0.150] 4,00 [0.157] 2X 2,50 [0.098] 2X 7,20 [0.28] 0,65 [0.026] 4X DIA. 0,812 [0.032] MODEL NUMBER LOT CODE 19,90 [0.78] 6,35 [0.25] 28,80 [1.13] 12,70 [0.50] 10,3 [0.40] 2,50 [0.10] 4,80 [0.19] 3,3 [0.13] 2,00 TYP. [0.079] 1,00 [0.04] 3,00 [0.12] 12,8 [0.50] 26,00 [1.02] 1,80 [0.071] 6,50 [0.26] 10,40 [0.41] 7,20 [0.28] 4,60 [0.18] AIRFLOW DIRECTION, PORT SIDE 22,00 [0.87] Honeywell Zephyr™ HAFBSSXXXXXXXXX 0x123456789 DIA. 2,30 [0.09] |