| Zakładka z wyszukiwarką danych komponentów |
|
E5CC-RX2ASM-802 Arkusz danych(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CC-RX2ASM-802 Arkusz danych(HTML) 11 Page - Omron Electronics LLC |
|
11 / 36 page ![]() E5CC-800 11 ● Adapter ● Watertight Cover Y92A-48N ● Mounting Adapter Y92F-49 (Provided with the Controller.) ● Protective Cover Y92A-48D ● Protective Cover Y92A-48H Fixture (Accessory) 69.6 to 77.6 87 67 × 67 72 × 72 76 4.7 72 × 72 48 × 48 Panel (1 to 8 mm) 62.8 To back of the E5CC 2.2 4.7 Y92F-45 Mounted to E5CC Note: 1. Use this Adapter when the Front Panel has already been prepared for the E5B @. 2. Only black is available. 67.6 69 12 21.9 14 (2) 79.2 87.7 Order this Adapter separately if it becomes lost or damaged. This Protective Cover is soft type. It is able to operate the controller with using this cover. This Protective Cover is hard type. Please use it for the mis-operation prevention etc. |