| Zakładka z wyszukiwarką danych komponentów |
|
AS3933 Arkusz danych(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3933 Arkusz danych(HTML) 31 Page - ams AG |
|
31 / 64 page ![]() Page 30 ams Datasheet Document Feedback [v1-08] 2015-Sep-02 AS3933 − Detailed Description Figure 32: Reading of Single Register Byte Figure 33: Send Direct COMMAND Byte CS SCLK SDI 0 1 A5 A4 A3 A2 A1 A0 X X SCLK rising edge Data is moved from Address <A5-A0> CS falling edge signals end of READ Mode 01 pattern indicates READ Mode D4 D3 D2 D1 D0 D7 D6 X X SDO SCLK rising edge Data is transfered from μC SCLK falling edge Data is sampled SCLK falling edge Data is transfered to μC D5 CS SCLK SDI 1 1 C5 C4 C3 C2 C 1 C0 X X SCLK rising edge Data is transfered from μC SCLK falling edge Data is sampled CS falling edge signals the end of COMMAND Mode Two leading ONE indicate COMMAND Mode |