| Zakładka z wyszukiwarką danych komponentów |
|
EM62100AGH Arkusz danych(PDF) 29 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Arkusz danych(HTML) 29 Page - ELAN Microelectronics Corp |
|
29 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver Product Specification (V1.1) 09.13.2005 •••• 23 (This specification is subject to change without further notice) Table 13 Register Equipment Type by Thermal Gradient (Unit: % / °C) D2 D1 D0 -0.05 0 0 0 3.0 0 0 1 3.5 0 1 0 4.0 0 1 1 4.5 1 0 0 5.0 (Default) 1 0 1 5.5 1 1 0 6.0 1 1 1 6.4 Fig.10 Contrast Curve of V0 Voltage with Internal Resistors 6.12.3 Liquid Crystal Voltage Generator Circuit The V0 voltage is produced by a resistive voltage divider within the IC, and can generate the V1, V2, V3, and V4 voltage levels required for LCD driving. Moreover, when the voltage follower changes the impedance, it provides V1, V2, V3, and V4 to the liquid crystal drive circuit. 1/9 bias or 1/7 bias for EM62100 can be selected. |