| Zakładka z wyszukiwarką danych komponentów |
|
TN2540 Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TN2540 Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 14 page ![]() TN2540 DS20005954A-page 12 2020 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office . Examples: a) TN2540N3-G: N-Channel Enhancement- Mode, Vertical DMOS FET, 3-lead TO-92, 1000/Bag b) TN2540N3-G-P002: N-Channel Enhancement- Mode, Vertical DMOS FET, 3-lead TO-92, 2000/Reel c) TN2540N8-G: N-Channel Enhancement- Mode, Vertical DMOS FET, 3-lead SOT-89, 2000/Reel PART NO. Device Device: TN2540 = N-Channel Enhancement-Mode Vertical DMOS FET Packages: N3 = 3-lead TO-92 N8 = 3-lead SOT-89 Environmental: G = Lead (Pb)-free/RoHS-compliant Package Media Types: (blank) = 1000/Bag for an N3 Package = 2000/Reel for an N8 Package P002 = 2000/Reel for an N3 Package XX Package - X - X Environmental Media Type Options |