Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

09-14-000-8021 Arkusz danych(PDF) 1 Page - HARTING Technology Group

Numer części 09-14-000-8021
Szczegółowy opis  Han-Modular Flexbox single locking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARTING [HARTING Technology Group]
Strona internetowa  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-14-000-8021 Arkusz danych(HTML) 1 Page - HARTING Technology Group

  09-14-000-8021 Datasheet HTML 1Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
09 14 000 8021
Han-Modular Flexbox single locking
Han-Modular Flexbox single locking
Image is for illustration purposes only. Please refer to product description.
Part number
09 14 000 8021
Specification
Han-Modular Flexbox single locking
HARTING eCatalogue
https://b2b.harting.com/09140008021
Identification
Category
Accessories
Type of accessory
Locking element
Description of the accessory
Single
Material properties
Material (locking)
Polyamide (PA)
Fibre-glass reinforced
Colour (locking)
RAL 9005 (jet black)
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
Commercial data
Packaging size
1
Net weight
30.7 g
Country of origin
China
European customs tariff number
85389099
eCl@ss
27440392 Connector (accessories)
Page 1 / 1 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Podobny numer części - 09-14-000-8021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HARTING Technology Grou...
09-14-000-8020 HARTING-09-14-000-8020 Datasheet
457Kb / 1P
Han-Modular Flexbox fixing element
2021-10-01
09-14-000-8022 HARTING-09-14-000-8022 Datasheet
461Kb / 1P
Han-Modular Flexbox double locking
2021-10-01
More results

Podobny opis - 09-14-000-8021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HARTING Technology Grou...
09-14-000-8013 HARTING-09-14-000-8013 Datasheet
516Kb / 2P
Han-Modular Flexbox hood 3 entries
09-14-000-8014 HARTING-09-14-000-8014 Datasheet
516Kb / 2P
Han-Modular Flexbox hood 4 entries
09-14-004-8001 HARTING-09-14-004-8001 Datasheet
578Kb / 2P
Han-Modular Flexbox carrier hood (a...d)
09-14-004-8101 HARTING-09-14-004-8101 Datasheet
578Kb / 2P
Han-Modular Flexbox carrier hood (A...D)
09-14-000-8020 HARTING-09-14-000-8020 Datasheet
457Kb / 1P
Han-Modular Flexbox fixing element
2021-10-01
09-14-000-8022 HARTING-09-14-000-8022 Datasheet
461Kb / 1P
Han-Modular Flexbox double locking
2021-10-01
09-14-000-9814 HARTING-09-14-000-9814 Datasheet
444Kb / 1P
Han HV Single Module locking sleeve
2021-10-01
09-14-000-9901 HARTING-09-14-000-9901 Datasheet
455Kb / 2P
Han-Modular Coding Pin
2021-10-01
09-14-000-9908 HARTING-09-14-000-9908 Datasheet
450Kb / 2P
Han-Modular Guide pin
2021-10-01
09-99-000-0979 HARTING-09-99-000-0979 Datasheet
510Kb / 1P
Removal Tool Han-Modular Flexbox
2021-10-01
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com