| Zakładka z wyszukiwarką danych komponentów |
|
USB7252 Arkusz danych(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252 Arkusz danych(HTML) 62 Page - Microchip Technology |
|
62 / 65 page ![]() USB7252 DS00002736D-page 62 2018 - 2020 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [X] XXX Package Temperature Range Device Device: USB7252 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial) Package: KDX = 100-pin VQFN Examples: a) USB7252/KDX Tray, 0C to +70C, 100-pin VQFN b) USB7252T/KDX Tape & reel, 0C to +70C, 100-pin VQFN c) USB7252-I/KDX Tray, -40C to +85C, 100-pin VQFN d) USB7252T-I/KDX Tape & reel, -40C to +85C, 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - / |