Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDEV-FFF-DT Arkusz danych(PDF) 13 Page - Linx Technologies

Numer części MDEV-FFF-DT
Szczegółowy opis  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINX [Linx Technologies]
Strona internetowa  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Arkusz danych(HTML) 13 Page - Linx Technologies

Back Button MDEV-FFF-DT Datasheet HTML 9Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 10Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 11Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 12Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 13Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 14Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 15Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 16Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 17Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
–
–
–
–
20
21
There are several settings that must match in order for the modules to be
able to communicate. This example uses the following settings.
• The Encryption Key must match on both modules. This can only be
read out of an AP.
• Network ID must match on both devices.
• The UART Baud Rate is 9600.
Other settings can be used as long as they match on both modules. Once
the settings are changed and submitted to both modules, the Network tab
can be used to graphically view the network topology and the Wireless
Chat tab can be used to transfer data.
Figure 25: The Master Development System Software Dragging to Change the Active Module
Clicking on the Network tab shows the current state of all modules
connected to the PC.
Both modules are set as End Devices. There must be at least one
Access Point in every network, so one module must be changed. This is
accomplished by clicking the drop-down menu on one of the modules and
selecting AP.
Both modules must have the same Network ID, so change the ID number
in one or both of the boxes to match.
Figure 26: The Master Development System Software Network Tab
Figure 27: The Master Development System Software Network Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19